データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SC200W-21-M2/3 データシート(PDF) 7 Page - M-System Co.,Ltd.

部品番号 SC200W-21-M2/3
部品情報  Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MSYSTEM [M-System Co.,Ltd.]
ホームページ  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SC200W-21-M2/3 データシート(HTML) 7 Page - M-System Co.,Ltd.

Back Button SC200W-21-M2/3 Datasheet HTML 2Page - M-System Co.,Ltd. SC200W-21-M2/3 Datasheet HTML 3Page - M-System Co.,Ltd. SC200W-21-M2/3 Datasheet HTML 4Page - M-System Co.,Ltd. SC200W-21-M2/3 Datasheet HTML 5Page - M-System Co.,Ltd. SC200W-21-M2/3 Datasheet HTML 6Page - M-System Co.,Ltd. SC200W-21-M2/3 Datasheet HTML 7Page - M-System Co.,Ltd. SC200W-21-M2/3 Datasheet HTML 8Page - M-System Co.,Ltd. SC200W-21-M2/3 Datasheet HTML 9Page - M-System Co.,Ltd. SC200W-21-M2/3 Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MODEL: SC200W
SC200W SPECIFICATIONS
ES-6346 Rev.0 Page 7/10
http://www.m-system.co.jp/
MOUNTING REQUIREMENTS unit: mm
68
[68+72×(n - 1)]
+0.7
0
Panel thickness 2.3 – 20
+1
0
■ PANEL CUTOUT unit: mm
• Single mounting
• Clustered mounting
n = number of units
■ Caution
• IP55 is ensured for the front panel of the unit mounted independently according to a panel. Test the sealing at the mounting
surface once the device is installed.
• Set the unit on a vertical surface with its operation buttons at the lower side. Mounting in other directions may cause heat
built up inside the unit and shorten its life span or degrade its performance.
• Ensure that there is sufficient space for ventilation inside a panel. Do not install above the devices that generate high heat
such as heaters, transformers or resistors. Leave at least 30 mm (1.2 inch) space above, below and behind the unit for
maintenance purpose (e.g. wiring, removing or installing).



Html Pages

1 2 3 4 5 6 7 8 9 10