| データシートサーチシステム |
|
SML データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
SML データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 17 page ![]() MODEL: SML SML SPECIFICATIONS ES-6371 Rev.4 Page 4/17 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM Isolation Base Socket Nest Bus Comm. Circuit Control Circuit U(+) V(–) POWER 7 14 8 Ry GROUND FG I / O RUN CONTACT OUTPUT + – T3 T2 T1 T6 T5 T4 Shielded Twisted-pair Cable To Other Nest Bus Devices Jumper Pin* TERMINATOR CARD NO. SET SW RUN LED *When the device is located at the end of a transmission line via twisted-pair cable (when there is no cross-wiring), close across the terminal T2 – T3 with the attached jumper pin (or with a leadwire). When the device is not at the end, remove the jumper pin. For cross-wiring, use the terminal T1, T2 and T4. |