| データシートサーチシステム |
|
SC210-22-M2/M2 データシート(PDF) 7 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
SC210-22-M2/M2 データシート(HTML) 7 Page - M-System Co.,Ltd. |
|
7 / 14 page ![]() MODEL: SC210 SC210 SPECIFICATIONS ES-6340 Rev.18 Page 7/14 http://www.m-system.co.jp/ COMMUNICATION CABLE CONNECTIONS SML SML SC210 *1 *1 T1 T2 T3 T4 T1 T2 T3 T4 T1 T2 T3 T4 ■ Modbus-RTU ■ NestBus R2K-1 SC210 SC210 RS-232-C RS-485 *1 *1 *1. Internal terminating resistor is used when the device is at the end of a transmission line. *2. Install shield cables to all sections and ground them at single point. *2 FG *2 FG RS-485 T1 T2 T3 T4 T1 T2 T3 T4 T1 T2 T3 T4 |