| データシートサーチシステム |
|
WL40EW2KR-R データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
WL40EW2KR-R データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 6 page ![]() MODEL: WL40EW2KR WL40EW2KR SPECIFICATIONS ES-9113 Rev.0 Page 4/6 http://www.m-system.co.jp/ EXTERNAL VIEW Network Status Indicator LED * Power input defers depending on the power input code you select. Status Indicator LED Antenna Connector Maintenance Connector Connector for Power Input * Power 920Link 920Run CFG 24V 0V NC NC FE1 RJ-45 Modular jack Link Link100 Ethernet IP Reset Reset Switch ■ FRONT VIEW TERMINAL ASSIGNMENTS ■ CONNECTORS FOR POWER INPUT Unit side connector: MSTBV2,5/5-GF-5,08AU (Phoenix Contact) Cable side connector: TFKC2,5/5-STF-5,08AU (Phoenix Contact) • Power input code: R (24 V DC) • Power input code: S (12 V DC) 24V 0V NC NC FE1 ID FUNCTION 12V 0V NC NC FE1 ID FUNCTION 24V Power input 24 V 12V Power input 12 V 0V Power input 0 V 0V Power input 0 V NC Not used NC Not used NC Not used NC Not used FE1 Power input earth FE1 Power input earth MODBUS FUNCTION CODES & SUPPORTED CODES Modbus function codes are shown below. ■ DATA AND CONTROL FUNCTIONS CODE NAME 01 Read Coil Status Digital output from the slave (read/write) 02 Read Input Status Status of digital inputs to the slave (read only) 03 Read Holding Registers General purpose register within the slave (read/write) 04 Read Input Registers Collected data from the eld by the slave (read only) 05 Force Single Coil Digital output from the slave (read/write) 06 Preset Single Register General purpose register within the slave (read/write) 15 Force Multiple Coils Digital output from the slave (read/write) 16 Preset Multiple Registers General purpose register within the slave (read/write) ■ EXCEPTION CODES CODE NAME 06 Slave Device Busy Device’s Modbus/TCP request queue is full. 11 Gateway Target Device Failed To Respond Response from 920MHz band wireless device (child) is error, or response timeout occurred. Note: When 920 MHz band wireless device (child) returns an exception code other than the above, the exception code is directly transmit- ted to upper devices. |