データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PLL620-05QC-R データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 PLL620-05QC-R
部品情報  Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

PLL620-05QC-R データシート(HTML) 7 Page - List of Unclassifed Manufacturers

  PLL620-05QC-R Datasheet HTML 1Page - List of Unclassifed Manufacturers PLL620-05QC-R Datasheet HTML 2Page - List of Unclassifed Manufacturers PLL620-05QC-R Datasheet HTML 3Page - List of Unclassifed Manufacturers PLL620-05QC-R Datasheet HTML 4Page - List of Unclassifed Manufacturers PLL620-05QC-R Datasheet HTML 5Page - List of Unclassifed Manufacturers PLL620-05QC-R Datasheet HTML 6Page - List of Unclassifed Manufacturers PLL620-05QC-R Datasheet HTML 7Page - List of Unclassifed Manufacturers PLL620-05QC-R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PLL620-05/-06/-07/-08/-09
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/01/05 Page 7
PACKAGE INFORMATION
C
L
A
EH
D
A1
e
B
16 PIN TSSOP ( mm )
Symbol
Min.
Max.
A
-
1.20
A1
0.05
0.15
B0.19
0.30
C0.09
0.20
D4.90
5.10
E4.30
4.50
H6.40 BSC
L0.45
0.75
e0.65 BSC
3mm x 3mm, QFN



Html Pages

1 2 3 4 5 6 7 8