| データシートサーチシステム |
|
PLL602-35OC-R データシート(PDF) 4 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL602-35OC-R データシート(HTML) 4 Page - PhaseLink Corporation |
|
4 / 8 page ![]() PLL602-35/-37/-38/-39 750kHz – 800MHz Low Phase Noise Multiplier XO Universal Low Phase Noise IC’s 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 4 3. General Electrical Specifications PARAMETERS SYMBOL CONDITIONS MIN. TYP. MAX. UNITS Fout<24MHz 25/25/15 24MHz<Fout<96MHz 65/45/30 Supply Current, Dynamic (with Loaded Outputs) IDD PECL/LVDS/CMOS 96MHz<Fout<800MHz 100/80/40 mA Operating Voltage VDD 2.97 3.63 V Output Clock Duty Cycle @ 50% VDD (CMOS) @ 1.25V (LVDS) @ VDD – 1.3V (PECL) 45 45 45 50 50 50 55 55 55 % Short Circuit Current ±50 mA 4. Jitter Specifications PARAMETERS CONDITIONS FREQUENCY MIN. TYP. MAX. UNITS 19.44MHz 2.2 77.76MHz 3.5 155.52MHz 4.3 Period jitter RMS1 With capacitive decoupling be- tween VDD and GND. Over 10,000 cycles. 622.08MHz 5.0 ps 19.44MHz 17 77.76MHz 25 155.52MHz 27 Period jitter Peak-to- Peak1 With capacitive decoupling be- tween VDD and GND. Over 10,000 cycles. 622.08MHz 35 ps 155.52MHz 2.6 4 Integrated jitter RMS2 Integrated 12 kHz to 20 MHz 622.08MHz 2.5 4 ps 5. Phase Noise Specifications PARAMETERS FREQUENCY @10Hz @100Hz @1kHz @10kHz @100kHz UNITS 19.44MHz -80 -108 -132 -142 -150 77.76MHz -72 -103 -122 -130 -125 155.52MHz -65 -95 -120 -125 -121 Phase Noise2 relative to carrier (typical) 622.08MHz -55 -85 -109 -115 -110 dBc/Hz 6. CMOS Electrical Characteristics PARAMETERS SYMBOL CONDITIONS MIN. TYP. MAX. UNITS IOH VOH= VDD-0.4V, VDD=3.3V 10 mA Output drive current IOL VOL = 0.4V, VDD = 3.3V 10 mA Output Clock Rise/Fall Time 0.3V ~ 3.0V with 15 pF load 2.4 ns |