| データシートサーチシステム |
|
PL680-39OCL-R データシート(PDF) 10 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PL680-39OCL-R データシート(HTML) 10 Page - PhaseLink Corporation |
|
10 / 10 page ![]() (Preliminary) PL680-37/38/39 38-640MHz Low Phase Noise XO 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 10 ORDERING INFORMATION PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation. For part ordering, please contact our Sales Department: 47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991 PART NUMBER The order number for this device is a combination of the following: Device number, Package type and Operating temperature range PL680-3X X C L R Order Number Marking Marking PL680-37OC P680-37OC TSSOP - Tube PL680-37OC-R P680-37OC TSSOP - Tape & Reel PL680-37OCL P680-37OCL TSSOP - Tube (GREEN Package) PL680-37OCL-R P680-37OCL TSSOP - Tape & Reel (GREEN Package) PL680-37QC P680-37QC QFN - Tube PL680-37QC-R P680-37QC QFN - Tape & Reel PL680-37QCL P680-37QCL QFN - Tube (GREEN Package) PL680-37QCL-R P680-37QCL QFN - Tape & Reel (GREEN Package) PL680-38OC P680-38OC TSSOP - Tube PL680-38OC-R P680-38OC TSSOP - Tape & Reel PL680-38OCL P680-38OCL TSSOP - Tube (GREEN Package) PL680-38OCL-R P680-38OCL TSSOP - Tape & Reel (GREEN Package) PL680-38QC P680-38QC QFN - Tube PL680-38QC-R P680-38QC QFN - Tape & Reel PL680-38QCL P680-38QCL QFN - Tube (GREEN Package) PL680-38QCL-R P680-38QCL QFN - Tape & Reel (GREEN Package) PL680-39OC P680-39OC TSSOP - Tube PL680-39OC-R P680-39OC TSSOP - Tape & Reel PL680-39OCL P680-39OCL TSSOP - Tube (GREEN Package) PL680-39OCL-R P680-39OCL TSSOP - Tape & Reel (GREEN Package) PL680-39QC P680-39QC QFN - Tube PL680-39QC-R P680-39QC QFN - Tape & Reel PL680-39QCL P680-39QCL QFN - Tube (GREEN Package) PL680-39QCL-R P680-39QCL QFN - Tape & Reel (GREEN Package) TEMPERATURE C=COMMERCIAL I=INDUSTRAL PACKAGE TYPE O=TSSOP Q= QFN 4x4 L= GREEN PACKAGE NONE= REGULAR PACKAGE R= TAPE & REEL NONE= TUBE PART NUMBER |