| データシートサーチシステム |
|
PL680-39QCL-R データシート(PDF) 5 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PL680-39QCL-R データシート(HTML) 5 Page - PhaseLink Corporation |
|
5 / 10 page ![]() (Preliminary) PL680-37/38/39 38-640MHz Low Phase Noise XO 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 5 4. Jitter Specifications PARAMETERS CONDITIONS FREQUENCY MIN. TYP. MAX. UNITS 106.25MHz 0.4 0.5 156.25MHz 0.4 0.5 212.5MHz 0.4 0.5 312.5MHz 0.4 0.5 Integrated jitter RMS Integrated 12 kHz to 20 MHz 622.08MHz 0.4 0.5 ps 106.25MHz 3 5 156.25MHz 3 5 212.5MHz 3 5 312.5MHz 3 5 Period jitter RMS With capacitive decoupling between VDD and GND. Over 10,000 cycles. 622.08MHz 6 8 ps 106.25MHz 20 30 156.25MHz 20 30 212.5MHz 20 30 312.5MHz 20 30 Period jitter Peak-to- Peak With capacitive decoupling between VDD and GND. Over 10,000 cycles. 622.08MHz 40 50 ps 5. Phase Noise Specifications PARAMETERS FREQ. @10Hz @100Hz @1kHz @10kHz @100kHz @1M @10M UNITS 106.25MHz -66 -96 -122 -132 -126 -144 -150 156.25MHz -62 -92 -120 -132 -128 -140 -150 212.5MHz -62 -92 -118 -126 -120 -140 -150 312.5MHz -59 -85 -117 -128 -125 -139 -148 Phase Noise relative to carrier (typical) 622.08MHz -49 -84 -111 -120 -118 -128 -138 dBc/Hz 6. CMOS Electrical Characteristics PARAMETERS SYMBOL CONDITIONS MIN. TYP. MAX. UNITS IOH VOH= VDD-0.4V, VDD=3.3V 30 mA Output drive current IOL VOL = 0.4V, VDD = 3.3V 30 mA Output Clock Rise/Fall Time 0.3V ~ 3.0V with 15 pF load 0.7 ns Output Clock Rise/Fall Time 20%-80% with 50Ω Load 0.3 ns |