| データシートサーチシステム |
|
PLL650-04CCLR データシート(PDF) 5 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL650-04CCLR データシート(HTML) 5 Page - PhaseLink Corporation |
|
5 / 6 page ![]() Preliminary PLL650-04 Low EMI Clock for 10/100 PHY and Gigabit Ethernet 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 05/31/05 Page 5 3. DC Specifications PARAMETERS SYMBOL CONDITIONS MIN. TYP. MAX. UNITS Operating Voltage VDD 2.97 3.63 V Input High Voltage VIH VDD /2 V Input Low Voltage VIL VDD /2 VDD /2 - 1 V Input High Voltage VIH For all Tri-level input VDD -0.5 V Input Low Voltage VIL For all Tri-level input 0.5 V Input High Voltage VIH For all normal input 2 V Input Low Voltage VIL For all normal input 0.8 V Output High Voltage VOH IOH = -25mA 2.4 V Output Low Voltage VOL IOL = 25mA 0.4 V Output High Voltage At CMOS Level VOH IOH = -8mA VDD -0.4 V Operating Supply Current IDD No Load 35 mA Short-circuit Current IS ±100 mA Internal pull-up resistor Rup Pins 5,18,19 60 k Ω Internal pull-up resistor Rup Pin 2 120 k Ω |