| データシートサーチシステム |
|
W2PE-1FF-R2/N データシート(PDF) 1 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
W2PE-1FF-R2/N データシート(HTML) 1 Page - M-System Co.,Ltd. |
|
1 / 3 page ![]() MODEL: W2PE W2PE SPECIFICATIONS ES-5506 Rev.8 Page 1/3 http://www.m-system.co.jp/ Space-saving Dual Output Signal Conditioners Mini-MW Series PT TRANSMITTER (RMS sensing) Functions & Features • Converts an alternating voltage input from a potential (voltage) transformer • Minimum ripple • RMS sensing • Two independent output ranges Typical Applications • Centralized monitoring and control of power line and power supply voltage measured at switch boards • Monitoring abnormal voltage drops for detecting overload Model SPAN ZERO SPAN ZERO 88.5 (3.49) 29.5 (1.16) 124 (4.88) mm (inch) MODEL: W2PE–[1][2][3]-[4][5] ORDERING INFORMATION • Code number: W2PE-[1][2][3]-[4][5] Specify a code from below for each of [1] through [5]. (e.g. W2PE-1AA-M2/CE/Q) • Special output range (For codes Z & 0) • Specify the specification for option code /Q (e.g. /C01/S01) Note: When the user requires a current and a voltage output, specify the current to be the Output 1 which allows a greater load. [1] INPUT Voltage 1: 0 – 110 V AC 5: 0 – 150 V AC [2] OUTPUT 1 Current A: 4 – 20 mA DC (Load resistance 750 Ω max.) B: 2 – 10 mA DC (Load resistance 1500 Ω max.) C: 1 – 5 mA DC (Load resistance 3000 Ω max.) D: 0 – 20 mA DC (Load resistance 750 Ω max.) E: 0 – 16 mA DC (Load resistance 900 Ω max.) F: 0 – 10 mA DC (Load resistance 1500 Ω max.) G: 0 – 1 mA DC (Load resistance 15 kΩ max.) Z: Specify current (See OUTPUT SPECIFICATIONS) Voltage 1: 0 – 10 mV DC (Load resistance 10 kΩ min.) 2: 0 – 100 mV DC (Load resistance 100 kΩ min.) 3: 0 – 1 V DC (Load resistance 1000 Ω min.) 4: 0 – 10 V DC (Load resistance 10 kΩ min.) 5: 0 – 5 V DC (Load resistance 5000 Ω min.) 6: 1 – 5 V DC (Load resistance 5000 Ω min.) 4W: -10 – +10 V DC (Load resistance 10 kΩ min.) 5W: -5 – +5 V DC (Load resistance 5000 Ω min.) 0: Specify voltage (See OUTPUT SPECIFICATIONS) [3] OUTPUT 2 Y: None Current A: 4 – 20 mA DC (Load resistance 350 Ω max.) B: 2 – 10 mA DC (Load resistance 700 Ω max.) C: 1 – 5 mA DC (Load resistance 1400 Ω max.) D: 0 – 20 mA DC (Load resistance 350 Ω max.) E: 0 – 16 mA DC(Load resistance 430 Ω max.) F: 0 – 10 mA DC (Load resistance 700 Ω max.) G: 0 – 1 mA DC (Load resistance 7000 Ω max.) Z: Specify current (See OUTPUT SPECIFICATIONS) Voltage Same range availability as Output 1 [4] POWER INPUT AC Power M2: 100 – 240 V AC (Operational voltage range 85 – 264 V, 47 – 66 Hz) (90 – 264 V for UL) DC Power R: 24 V DC (Operational voltage range 24 V ±10 %, ripple 10 %p-p max.) R2: 11 – 27 V DC (Operational voltage range 11 – 27 V, ripple 10 %p-p max.) (Select ‘/N’ for ‘Standards & Approvals’ code.) P: 110 V DC (Operational voltage range 85 – 150 V, ripple 10 %p-p max.) (110 V ±10 % for UL) |
同様の部品番号 - W2PE-1FF-R2/N |
|
同様の説明 - W2PE-1FF-R2/N |