データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OMT200-R101-EP-IO-V3 データシート(PDF) 4 Page - Pepperl+Fuchs Inc.

部品番号 OMT200-R101-EP-IO-V3
部品情報  Distance sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PF [Pepperl+Fuchs Inc.]
ホームページ  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OMT200-R101-EP-IO-V3 データシート(HTML) 4 Page - Pepperl+Fuchs Inc.

  OMT200-R101-EP-IO-V3 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OMT200-R101-EP-IO-V3 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OMT200-R101-EP-IO-V3 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OMT200-R101-EP-IO-V3 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Distance sensor
OMT200-R101-EP-IO-V3
4
• Window mode with one switch point.
Two point mode operating mode (hysteresis operating mode):
• Detection of objects irrespective of type and color between a defined switch-on and switch-off point.
Inactive operating mode:
• Evaluation of switching signals is deactivated.
The associated IODD device description file can be found in the download area at www.pepperl-fuchs.com.
active detection range
Background suppression
Foreground suppression
active detection range
Hysteresis
Output
Output



Html Pages

1 2 3 4