| データシートサーチシステム |
|
MAX5580 データシート(PDF) 13 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX5580 データシート(HTML) 13 Page - Maxim Integrated Products |
|
13 / 15 page ![]() General Troubleshooting Problem 1: CMODUSB module hardware not found (see Figure 10). Solution 1: • Verify that the power LED is lit. • Verify that the USB cable is connected. Problem 2: The register data at the bottom of the MAX5581 evaluation software’s main window is not cor- rect (see Figure 1). Solution 2: • Verify that UPIO1 is configured for DOUTRB. • Verify that the AutoRead All Registers checkbox is checked. • Verify that the shunt for jumper JU6 is connected to pins 1-2. • Verify that the shunt for jumper JU2 is connected to pins 2-3. • Verify that the USB cable is connected. Problem 3: Pressing the Read button in the Read UPIO Inputs tab gives incorrect status (see Figure 7). Solution 3: • Verify that UPIO2 is configured as a GPI. • Verify that UPIO1 is configured for DOUTRB. • Verify that the shunt for jumper JU6 is connected to pins 1-2. • Verify that the shunt for jumper JU2 is connected to pins 2-3. • Verify that the USB cable is connected. MAX5581 Evaluation Kit/Evaluation System ______________________________________________________________________________________ 13 Figure 10. EV Kit Software Warning Message |