データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P602-89SC データシート(PDF) 5 Page - PhaseLink Corporation

部品番号 P602-89SC
部品情報  12-27 MHz XO IC with 1 Pair of LVDS and 1 CMOS Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PLL [PhaseLink Corporation]
ホームページ  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P602-89SC データシート(HTML) 5 Page - PhaseLink Corporation

  P602-89SC Datasheet HTML 1Page - PhaseLink Corporation P602-89SC Datasheet HTML 2Page - PhaseLink Corporation P602-89SC Datasheet HTML 3Page - PhaseLink Corporation P602-89SC Datasheet HTML 4Page - PhaseLink Corporation P602-89SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PLL602-89
12-27 MHz XO IC with 1 Pair of LVDS and 1 CMOS Outputs
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 5
PACKAGE INFORMATION
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex-
press written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL602-89 S C
Order Number
Marking
Package Option
PLL602-89SC-R
P602-89SC
SOIC - Tape and Reel
PLL602-89SC
P602-89SC
SOIC - Tube
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRIAL
PACKAGE TYPE
S=SOIC
C
L
A
8 PIN SOIC (mm )
Narrow SOIC
Symbol
Min.
Max.
A1.47
1.73
A
1
0.10
0.25
B0.33
0.51
C0.19
0.25
D4.80
4.95
E3.80
4.00
H5.80
6.20
L0.38
1.27
e
1.27 BSC
E
H
D
A
1
e
B



Html Pages

1 2 3 4 5