データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PLL620-21 データシート(PDF) 6 Page - PhaseLink Corporation

部品番号 PLL620-21
部品情報  Low Phase Noise XO (for HF Fund. and 3-rd O.T.)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PLL [PhaseLink Corporation]
ホームページ  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-21 データシート(HTML) 6 Page - PhaseLink Corporation

  PLL620-21 Datasheet HTML 1Page - PhaseLink Corporation PLL620-21 Datasheet HTML 2Page - PhaseLink Corporation PLL620-21 Datasheet HTML 3Page - PhaseLink Corporation PLL620-21 Datasheet HTML 4Page - PhaseLink Corporation PLL620-21 Datasheet HTML 5Page - PhaseLink Corporation PLL620-21 Datasheet HTML 6Page - PhaseLink Corporation PLL620-21 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Preliminary
PLL620-21
Low Phase Noise XO (for HF Fund. and 3rd O.T.)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
www.phaselink.com Rev 07/15/05 Page 6
PAD ASSIGNMENT
Pad #
Name
X (µ
µµµm)
Y (µ
µµµm)
1
Optional GND
248
109
2
Optional GND
361
109
3
Optional GND
473
109
4
Optional GND
587
109
5
GND
702
109
6
Reserved
874
109
7
Optional GNDBUF
1042
109
8
GNDBUF
1171
109
9
OUTSEL
1400
125
10
LVDS
1400
259
11
PECL
1400
476
12
VDDBUF
1400
616
13
Optional VDDBUF
1400
716
14
PECLB
1400
871
15
LVDSB
1400
1089
16
Do Not Connect
1400
1227
17
GNDBUF
1389
1365
18
Reserved
1232
1365
19
Do Not Connect
1042
1365
20
Do Not Connect
854
1365
21
Optional VDD
659
1365
22
Optional VDD
559
1365
23
VDD
459
1365
24
Optional VDD
358
1365
25
OESEL
194
1365
26
XIN
109
1223
27
XOUT
109
1017
28
Do Not Connect
109
858
29
Do Not Connect
109
646
30
OE_CTRL
109
397
31
Do Not Connect
109
181
Note: for optimal Phase Noise performance, it is recommended to bond all optional VDD and GND pads.



Html Pages

1 2 3 4 5 6 7