| データシートサーチシステム |
|
PLL620-2XOC-R データシート(PDF) 6 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL620-2XOC-R データシート(HTML) 6 Page - PhaseLink Corporation |
|
6 / 6 page ![]() PLL620-28/-29 Low Phase Noise VCXO (for 100-200MHz Fund Xtal) 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 07/08/05 Page 6 PACKAGE INFORMATION C L A E H D A1 e B 16 PIN TSSOP ( mm ) Symbol Min. Max. A - 1.20 A1 0.05 0.15 B 0.19 0.30 C 0.09 0.20 D 4.90 5.10 E 4.30 4.50 H 6.40 BSC L 0.45 0.75 e 0.65 BSC ORDERING INFORMATION PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation. For part ordering, please contact our Sales Department: 47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991 PART NUMBER The order number for this device is a combination of the following: Device number, Package type and Operating temperature range PLL620-2X X C L R Part / Order Number Marking Package Option Temperature PLL620-2XOC-R P620-2XOC TSSOP -Tape and Reel 0 to +70 C PLL620-2XOC P620-2XOC TSSOP–Tubes 0 to +70 C PLL620-2XOCL-R P620-2XOCL TSSOP-Tape and ReeL (GREEN) 0 to +70 C PLL620-2XOC P620-2XOCL TSSOP–Tubes (GREEN) 0 to +70 C PART NUMBER TEMPERATURE C=COMMERCIAL, I=INDUSTRIAL PACKAGE TYPE O=TSSOP NONE=NORMAL PACKAGE L=GREEN PACKAGE NONE= TUBE R=TAPE AND REEL |