データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PLL520-40DI データシート(PDF) 5 Page - PhaseLink Corporation

部品番号 PLL520-40DI
部品情報  CMOS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PLL [PhaseLink Corporation]
ホームページ  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL520-40DI データシート(HTML) 5 Page - PhaseLink Corporation

  PLL520-40DI Datasheet HTML 1Page - PhaseLink Corporation PLL520-40DI Datasheet HTML 2Page - PhaseLink Corporation PLL520-40DI Datasheet HTML 3Page - PhaseLink Corporation PLL520-40DI Datasheet HTML 4Page - PhaseLink Corporation PLL520-40DI Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PLL520-40
CMOS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 5
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL520-40 D C
Order Number
Marking
Package Option
PLL520-40DC
P520-40DC
Die – Waffle Pack
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRAL
PACKAGE TYPE
D=DIE



Html Pages

1 2 3 4 5