| データシートサーチシステム |
|
PLL701-0XSC データシート(PDF) 5 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL701-0XSC データシート(HTML) 5 Page - PhaseLink Corporation |
|
5 / 5 page ![]() PLL701-01/02/04/06 Low EMI Spread Spectrum Multiplier Clock 47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 Rev 05/07/03 Page 5 PACKAGE INFORMATION ORDERING INFORMATION PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation. For part ordering, please contact our Sales Department: 47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991 PART NUMBER The order number for this device is a combination of Device number, Package type and Operating temperature range PLL701-0X X C X R Part / Order Number Marking Package Option Temperature PLL701-0XSCR P701-0XXC SOIC -Tape and Reel 0 to +70゚C PLL701-0XSC P701-0XXC SOIC -Tube 0 to +70゚C PLL701-0XSCLR P701-0XXCL SOIC -Tape and Reel (GREEN) 0 to +70゚C PLL701-0XSCL P701-0XXCL SOIC –Tube (GREEN) 0 to +70゚C C L A 8 PIN Narrow SOIC ( mm ) SOI C Symbol Min. Max . A 1.47 1.73 A1 0.10 0.25 B 0.33 0.51 C 0.19 0.25 D4.80 4.95 E 3.80 4.00 H 5.80 6.20 L 0.38 1.27 e 1.27 BSC E H D A1 e B PART NUMBER TEMPERATURE C=COMMERCIAL, I=INDUSTRIAL PACKAGE TYPE S=SOIC NONE=NORMAL PACKAGE L=GREEN PACKAGE NONE= TUBE R=TAPE AND REEL FAMILY DESIGNATOR |