データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PLL702-02SCR データシート(PDF) 5 Page - PhaseLink Corporation

部品番号 PLL702-02SCR
部品情報  Low EMI Peripheral Clock Generator for Notebook & Motherboards
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PLL [PhaseLink Corporation]
ホームページ  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL702-02SCR データシート(HTML) 5 Page - PhaseLink Corporation

  PLL702-02SCR Datasheet HTML 1Page - PhaseLink Corporation PLL702-02SCR Datasheet HTML 2Page - PhaseLink Corporation PLL702-02SCR Datasheet HTML 3Page - PhaseLink Corporation PLL702-02SCR Datasheet HTML 4Page - PhaseLink Corporation PLL702-02SCR Datasheet HTML 5Page - PhaseLink Corporation PLL702-02SCR Datasheet HTML 6Page - PhaseLink Corporation PLL702-02SCR Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PLL702-02
Low EMI Peripheral Clock Generator for Notebook & Motherboards
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 08/30/05 Page 5
Electrical Specifications
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product
reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this
specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. AC Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
14.31818
MHz
Input Frequency (to be set via XTAL_SEL)
+/- 20ppm accuracy
24.576
MHz
Output Rise Time
0.8V to 2.0V with no load
1.5
ns
Output Fall Time
2.0V to 0.8V with no load
1.5
ns
Duty Cycle
At VDD/2
45
50
55
%
Duty Cycle 8MHz clock
At VDD/2
43
50
57
%
Max. Absolute Period Jitter
Long term, No SST
150
ps
Max. Jitter, cycle to cycle
Long term + Short term
120
ps



Html Pages

1 2 3 4 5 6 7