| データシートサーチシステム |
|
RAZ42111AM データシート(PDF) 2 Page - Pulse A Technitrol Company |
|
|
|||||||||||||||||||||||||||||
RAZ42111AM データシート(HTML) 2 Page - Pulse A Technitrol Company |
|
2 / 19 page ![]() Issue: 1742 In the effort to improve our products, we reserve the right to make changes judged to be necessary. CONFIDENTIAL AND PROPRIETARY INFORMATION This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws. Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or use without specific written authorization of Pulse is strictly forbidden. Description: GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Adhesive Mount Series: RAZORBACK PART NUMBER: RAZ32011AM, RAZ32012AM, RAZ42111AM, RAZ42112AM, RAZ52211AM, RAZ52212AM, RAZ62311AM, RAZ62312AM 2 Antenna Type Monopole, measured on Ø1.02m (40“) ground plane Frequency (2x LTE) 644-960/1710-2700 MHz Frequency (1x, 2x or 3x WiFi) 2400-2500/4900-5925 MHz Nominal Impedance 50 VSWR 2:1 Radiation Pattern Omni HPBW / Vertical Plane (LTE, 644-960) 42° HPBW / Vertical Plane (LTE, 1710-2700) 31° HPBW / Vertical Plane (WIFI, 2400-2500) 25° HPBW / Vertical Plane (WIFI, 4900-5925) 20° Polarization Vertical Average Peak Gain (LTE, 644-960) (LTE, 1710-2700) 4.6/4.9 dBi Average Peak Gain (WIFI, 2400-2500) (WIFI, 4900-5925) 6/6.6 dBi Isolation (LTE1 to LTE2) <-13 Isolation (WiFi1/2, WiF2/3 & WiFi1/3) <-13 Average Efficiency (LTE) 67 % Average Efficiency (WiFi) 57 % Power Withstanding 45 W GNSS Beidou-GPS-Glonass Frequency 1561.098±2.046,1575.42±1.023,1602.5625±4 MHz VSWR 2:1 Nominal Impedance 50 Gain (Radiating element) 1 dBic +/- 1dB Gain (LNA gain) 30 dB +/- 2 dB Polarization RHCP ELECTRICAL SPECIFICATIONS |