| データシートサーチシステム |
|
SC14WAMDECTSF データシート(PDF) 35 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SC14WAMDECTSF データシート(HTML) 35 Page - Dialog Semiconductor |
|
35 / 36 page ![]() Datasheet Revision 3.0 23-Jul-2015 CFR0011-120-00-FM Rev 5 35 of 36 © 2013 Dialog Semiconductor SC14WAMDECT SF Wireless Audio Module FINAL 11.0 Revision history 19-Nov-2013 v1.0: • Initial version 27-Nov-2013 v1.1: • Antenna diversity description updated in sections 4.4 and 5.6.2. 14-Jan-2014 v1.11: • Updated connection diagram, Pin description, Speaker configuration (section 3.3). • Added section 6.7 (Audio performance). 14-Jan-2014 v1.12: • Corrected Pin description. • Updated Table 5 and Battery low/empty voltage in section 5.1. • Updated section 10.3. 11-Feb-2014 v1.13: • Corrected section 10.3. 18-Mar-2014 v1.20: • Corrected system diagram. • Corrected pin description for pin #26. • Description for pin RED_LED2 updated. • Added "Example application diagrams" on page 27. 27-Mar-2014 v1.21: • Feature list updated. 29-Aug-2014 v1.22: • Text changed for J-DECT certify as “Pre-certified”. • Explanation for the Pin description changed. • Volume control section updated. • Low battery indication added in section 5.5. • Added explanation for RF1 in section 5.6. • KDECT explanation added. • PTT changed to AIPP and AOFP. • Accessory Input (AIPP) and output (AOPP) sec- tion added (section 5.1.5). • Wire registration added to section 3.4 and section 4.5. • Usage Guidelines (section 5.0) updated. 10-Oct-2014 v1.23: • Updated latency value for TG mode. • Added low power mode. 23-Jul-2015 v3.0 (Final): • Product status: Production. • Korean DECT mode removed: not supported. • Section 1.0: • Connection diagram updated (Figure 1). • PP and FP removed from pin names. • Unused pins changed to NC. • Pins AIPP and AOFP renamed to ACC_IN and ACC_OUT. • Pin 11 (GND) renamed to VREFm. • Added pins ACCESS_0 to ACCESS_5 (pins 65, 15, 69 to 66). • Removed battery management section (charging is not supported). • Supply currents moved from section 6.8 to new section 6.4. • Updated supply currents (Table 12 and Table 13). • Example application diagrams added for PA and TG mode. • Section 10.0: • Reflow soldering profile updated (Figure 17). • Soldering stencil thickness changed to 0.130 mm. • Package outline drawing updated (Figure 21). • Back page: • Status definition table updated. • Contact information updated. • Template updated to latest version. |