| データシートサーチシステム |
|
SLG47004 データシート(PDF) 92 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG47004 データシート(HTML) 92 Page - Dialog Semiconductor |
|
92 / 292 page ![]() Datasheet 10-Mar-2021 CFR0011-120-00 Revision 2.4 92 of 292 © 2021 Dialog Semiconductor SLG47004 GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features Preliminary Figure 53: Wake and Sleep Timing Diagram, Normal Wake Mode, Counter Reset is Used Figure 54: Wake and Sleep Timing Diagram, Short Wake Mode, Counter Reset is Used Normal ACMP Operation ACMP follows input Sleep Mode ACMP Latches New Data Data is latched Normal ACMP Operation ACMP follows input Force Wake BG/Analog Startup time* Sleep Mode ACMP Latches Last Data BG/Analog Startup time* BG/Analog_Good (internal signal) ACMP_PD is High (From Connection Matrix) CNT_RST (From Connection Matrix) CNT0_out (To Connection Matrix) time between Reset goes low and 1st WS clock rising edge WS_out (internal signal) Note: CNT0_out is a delayed WS_out signal for 1us to make sure the data is correct during LATCH. Sleep Mode ACMP Latches New Data CNT0_out (To Connection Matrix) Sleep Mode ACMP Latches New Data BG/Analog_Good (internal signal) ACMP_PD is High (From Connection Matrix) Data is latched BG/Analog Startup time* CNT_RST (From Connection Matrix) Sleep Mode ACMP Latches New Data Normal ACMP Operation for short time ACMP follows input Normal ACMP Operation for short time ACMP follows input Data is latched Force Wake Sleep Mode ACMP Latches Last Data BG/Analog Startup time* time between Reset goes low and 1st WS clock rising edge WS_out (internal signal) Note: CNT0_out is a delayed WS_out signal for 1us to make sure the data is correct during LATCH. |