| データシートサーチシステム |
|
W2PE-55WC-R2/Q データシート(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
W2PE-55WC-R2/Q データシート(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 3 page ![]() MODEL: W2PE W2PE SPECIFICATIONS ES-5506 Rev.8 Page 2/3 http://www.m-system.co.jp/ [5] OPTIONS (multiple selections) Standards & Approvals (must be specified) /N: Without CE or UL /CE: CE marking /UL: UL approval, CE marking Other Options blank: none /Q: Option other than the above (specify the specification) SPECIFICATIONS OF OPTION: Q (multiple selections) COATING (For the detail, refer to M-System's web site.) /C01: Silicone coating /C02: Polyurethane coating /C03: Rubber coating (UL not available) TERMINAL SCREW MATERIAL /S01: Stainless steel (UL not available) GENERAL SPECIFICATIONS Construction: Plug-in Connection: M3 screw terminals (torque 0.8 N·m) Screw terminal: Chromated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Isolation: Input to output 1 to output 2 to power Input waveform RMS sensing: Up to 15 % of 3rd harmonic content Overrange output: 0 to 120 % at 1 – 5 V Zero adjustment: -5 to +5 % (front) Span adjustment: 95 to 105 % (front) Adjustable individually for each output 1 and output 2. INPUT SPECIFICATIONS Frequency: 50 or 60 Hz Input burden: 0.5 VA max. Overload capacity: 200 % of rating for 1 minute, 120 % continuous Operational range: 0 – 120 % of rating OUTPUT SPECIFICATIONS ■ DC Current: 0 – 20 mA DC Minimum span: 1 mA Offset: Max. 1.5 times span Load resistance: Output drive 15 V max. for Output 1; 7 V max. for Output 2 ■ DC Voltage: -10 – +12 V DC (up to 10 V for Output 2) Minimum span: 5 mV Offset: Max. 1.5 times span Load resistance: Output drive 1 mA max.; at ≥ 0.5 V INSTALLATION Power Consumption •AC: Approx. 4 VA at 100 V Approx. 5 VA at 200 V Approx. 6 VA at 240 V •DC: Approx. 3 W Operating temperature: -5 to +55°C (23 to 131°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Surface or DIN rail Weight: 200 g (0.44 lb) PERFORMANCE in percentage of span Accuracy: ±0.4 % Temp. coefficient: ±0.02 %/°C (±0.01 %/°F) Response time: ≤ 0.5 sec. (0 – 90 %) Ripple: 0.5 %p-p max. (100/120 Hz) Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @1 minute (input to output 1 to output 2 to power to ground) STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 Low Voltage Directive EN 61010-1 Measurement Category II (input) Installation Category II (power) Pollution Degree 2 Input or output 1 or output 2 to power input: Reinforced insulation (300 V) Input to output 1 to output 2: Basic insulation (300 V) RoHS Directive EN 50581 Approval: UL/C-UL nonincendive Class I, Division 2, Groups A, B, C, and D (ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213) UL/C-UL general safety requirements (UL 61010-1, CAN/CSA-C22.2 No.61010-1) |