データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DA9130 データシート(PDF) 10 Page - Dialog Semiconductor

部品番号 DA9130
部品情報  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIALOG [Dialog Semiconductor]
ホームページ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9130 データシート(HTML) 10 Page - Dialog Semiconductor

Back Button DA9130 Datasheet HTML 6Page - Dialog Semiconductor DA9130 Datasheet HTML 7Page - Dialog Semiconductor DA9130 Datasheet HTML 8Page - Dialog Semiconductor DA9130 Datasheet HTML 9Page - Dialog Semiconductor DA9130 Datasheet HTML 10Page - Dialog Semiconductor DA9130 Datasheet HTML 11Page - Dialog Semiconductor DA9130 Datasheet HTML 12Page - Dialog Semiconductor DA9130 Datasheet HTML 13Page - Dialog Semiconductor DA9130 Datasheet HTML 14Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
DA9130
High-Performance, 10 A, Dual-Phase DC-DC
Converter for Mobile and Portable Applications
Datasheet
Revision 2.0
11-Aug-2021
CFR0011-120-00
10 of 46
© 2021 Dialog Semiconductor
3
Characteristics
3.1
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to
the device. These are stress ratings only, so functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specification are not implied.
Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability.
Table 3: Absolute Maximum Ratings
Parameter
Description
Conditions
Min
Max
Unit
TSTG
Storage temperature
-65
150
°C
TJ
Junction temperature
-40
150
°C
VSYS
System supply voltage
-0.3
6.0
V
VPIN
Voltage on pins
-0.3
6.0
V
3.2
Recommended Operating Conditions
Table 4: Recommended Operating Conditions
Parameter
Description
Conditions (Note 1)
Min
Typ
Max
Unit
VSYS
System supply voltage
2.8
5.5
V
VPIN
Voltage on pins
-0.3
VSYS +
0.3
V
TJ
Junction temperature
-40
125
°C
TA
Ambient temperature
-40
105
°C
Note 1
Within the specified limits, a lifetime of 10 years is guaranteed. If operating outside of these
recommended conditions, please consult with Dialog Semiconductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com