| データシートサーチシステム |
|
ICS252MPLF データシート(PDF) 7 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS252MPLF データシート(HTML) 7 Page - Integrated Circuit Systems |
|
7 / 9 page ![]() Field Programmable Dual Output SS VersaClock Synthesizer MDS 252 B 7 Revision 011606 Integrated Circuit Systems, Inc. ● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com ICS252 Marking Diagram Marking Diagram (Pb free) Notes: 1. ###### is the lot number. 2. YYWW is the last two digits of the year and week that the part was assembled. 3. “I” denotes industrial temp. range (if applicable). 4. “L” denotes Pb (lead) free package. 5. Bottom marking: country of origin. 252PM ###### YYWW 14 5 8 252PMI ###### YYWW 14 5 8 252PML ###### YYWW 14 5 8 252PMIL ###### YYWW 14 5 8 |