データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC7441 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 MPC7441
部品情報  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7441 データシート(HTML) 4 Page - NXP Semiconductors

  MPC7441 Datasheet HTML 1Page - NXP Semiconductors MPC7441 Datasheet HTML 2Page - NXP Semiconductors MPC7441 Datasheet HTML 3Page - NXP Semiconductors MPC7441 Datasheet HTML 4Page - NXP Semiconductors MPC7441 Datasheet HTML 5Page - NXP Semiconductors MPC7441 Datasheet HTML 6Page - NXP Semiconductors MPC7441 Datasheet HTML 7Page - NXP Semiconductors MPC7441 Datasheet HTML 8Page - NXP Semiconductors MPC7441 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
MPC7447A RISC Microprocessor Hardware Specifications, Rev. 5
4
Freescale Semiconductor
Features
— Four vector units and 32-entry vector register file (VRs)
– Vector permute unit (VPU)
– Vector integer unit 1 (VIU1) handles short-latency AltiVec™ integer instructions, such as
vector add instructions (for example, vaddsbs, vaddshs, and vaddsws).
– Vector integer unit 2 (VIU2) handles longer-latency AltiVec integer instructions, such as
vector multiply add instructions (for example, vmhaddshs, vmhraddshs, and
vmladduhm).
– Vector floating-point unit (VFPU)
— Three-stage load/store unit (LSU)
– Supports integer, floating-point, and vector instruction load/store traffic
– Four-entry vector touch queue (VTQ) supports all four architected AltiVec data stream
operations
– 3-cycle GPR and AltiVec load latency (byte, half word, word, vector) with 1-cycle
throughput
– 4-cycle FPR load latency (single, double) with 1-cycle throughput
– No additional delay for misaligned access within double-word boundary
– Dedicated adder calculates effective addresses (EAs)
– Supports store gathering
– Performs alignment, normalization, and precision conversion for floating-point data
– Executes cache control and TLB instructions
– Performs alignment, zero padding, and sign extension for integer data
– Supports hits under misses (multiple outstanding misses)
– Supports both big- and little-endian modes, including misaligned little-endian accesses
•
Three issue queues, FIQ, VIQ, and GIQ, can accept as many as one, two, and three instructions,
respectively, in a cycle. Instruction dispatch requires the following:
— Instructions can only be dispatched from the three lowest IQ entries—IQ0, IQ1, and IQ2.
— A maximum of three instructions can be dispatched to the issue queues per clock cycle.
— Space must be available in the CQ for an instruction to dispatch. (This includes instructions that
are assigned a space in the CQ but not in an issue queue.)
•
Rename buffers
— 16 GPR rename buffers
— 16 FPR rename buffers
— 16 VR rename buffers
•
Dispatch unit
— Decode/dispatch stage fully decodes each instruction
•
Completion unit
— The completion unit retires an instruction from the 16-entry completion queue (CQ) when all
instructions ahead of it have been completed, the instruction has finished execution, and no
exceptions are pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56