データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ICS1562B データシート(PDF) 9 Page - Integrated Circuit Systems

部品番号 ICS1562B
部品情報  User Programmable Differential Output Graphics Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICST [Integrated Circuit Systems]
ホームページ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1562B データシート(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS1562B Datasheet HTML 5Page - Integrated Circuit Systems ICS1562B Datasheet HTML 6Page - Integrated Circuit Systems ICS1562B Datasheet HTML 7Page - Integrated Circuit Systems ICS1562B Datasheet HTML 8Page - Integrated Circuit Systems ICS1562B Datasheet HTML 9Page - Integrated Circuit Systems ICS1562B Datasheet HTML 10Page - Integrated Circuit Systems ICS1562B Datasheet HTML 11Page - Integrated Circuit Systems ICS1562B Datasheet HTML 12Page - Integrated Circuit Systems ICS1562B Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REG#
BIT(S)
BIT REF.
DESCRIPTION
6
0-3
N2[0]..N2[3]
Sets the modulus of the N2 divider.
7
0-3
N2[4]..N2[7]
The input of the N2 divider is the output of the N1 divider in all clock
modes except AUXEN.
8
3
N2[8]
8
0-2
V[0]..V[1]
Sets the gain of the VCO.
9
0-1
P[0]..P[1]
Sets the gain of the phase detector according to this table.
9
3
[P2]
Phase detector tuning bit. Normally should be set to one.
V[2]
V[1]
V[0]
VCO GAIN
(MHz/VOLT)
10
0
30
10
1
45
11
0
60
11
1
80
P[1]
P[0]
GAIN (uA/radian)
00
0.05
01
0.15
10
0.5
11
1.5
10
1
LOADEN~
Load clock divider enable (active low). When set to logic 1, the
LOAD and LD/N2 outputs will cease toggling.
10
2
SKEW-
Differential output duty factor adjust.
10
3
SKEW+
SKEW+
SKEW-
0
0
Default
0
1
Reduces THIGH by approximately
100 ps
1
0
Increases THIGH by approximately
100 ps
1
1
Do not use
ICS1562B
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20