| データシートサーチシステム |
|
AM79C978AVCW データシート(PDF) 37 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C978AVCW データシート(HTML) 37 Page - Advanced Micro Devices |
|
37 / 256 page ![]() Am79C978A 37 Figure 8. Disconnect of Slave Cycle When Busy Figure 9. Disconnect of Slave Burst Transfer - No Host Wait States Figure 10. Disconnect of Slave Burst Transfer - Host Inserts Wait States Parity Error Response When the Am79C978A controller is not the current bus master, it samples the AD[31:0], C/BE[3:0], and the PAR lines during the address phase of any PCI com- mand for a parity error. When it detects an address par- ity error, the Am79C978A controller sets PERR (PCI Status register, bit 15) to 1. When reporting of that error is enabled by setting SERREN (PCI Command regis- ter, bit 8) and PERREN (PCI Command register, bit 6) to 1, the Am79C978A controller also drives the SERR signal low for one clock cycle and sets SERR (PCI Sta- tus register, bit 14) to 1. The assertion of SERR follows the addr ess phas e b y t w o cl ock c ycles. T h e Am79C978A controller will not assert DEVSEL for a PCI transaction that has an address parity error when PERREN and SERREN are set to 1. See Figure 11. FRAME CLK AD IRDY TRDY C/BE DEVSEL STOP 1 2345 CMD PAR PAR PAR BE DATA ADDR 22399A-11 FRAME CLK AD IRDY TRDY C/BE DEVSEL STOP 1 2345 BE PAR PAR PAR BE DATA 1st DATA 22399A-12 FRAME CLK AD IRDY TRDY C/BE DEVSEL STOP 1 23456 PAR BE PAR PAR BE DATA 1st DATA 22399A-13 |