データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADL6317ACCZ-R7 データシート(PDF) 27 Page - Analog Devices

部品番号 ADL6317ACCZ-R7
部品情報  Transmit VGA for Use with RF DACs and Transceivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADL6317ACCZ-R7 データシート(HTML) 27 Page - Analog Devices

Back Button ADL6317ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADL6317ACCZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Data Sheet
ADL6317
Rev. B | Page 27 of 38
Address: 0x00A, Reset: 0x00, Name: SCRATCHPAD
Scratchpad. Used by Software to test read
and write
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] SCRATCHPAD (R/W)
Table 27. Bit Descriptions for SCRATCHPAD
Bits
Bit Name
Description
Reset
Access
[7:0]
SCRATCHPAD
Scratchpad. Used by Software to test read and write.
0x0
R/W
Address: 0x00B, Reset: 0x00, Name: SPI_REV
SPI Regis ter Map Revis ion
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] SPI_REV (R)
Table 28. Bit Descriptions for SPI_REV
Bits
Bit Name
Description
Reset
Access
[7:0]
SPI_REV
SPI Register Map Revision
0x0
R
Address: 0x010, Reset: 0x00, Name: VARIANT_FEOL
Front end of line (FEOL)
Variant
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:4] FEOL (R)
[3:0] VARIANT (R)
Table 29. Bit Descriptions for VARIANT_FEOL
Bits
Bit Name
Description
Reset
Access
[7:4]
FEOL
Front end of line (FEOL)
0x0
R
[3:0]
VARIANT
Variant
0x0
R
Address: 0x011, Reset: 0x01, Name: BEOL_SIF
Serial Interface Version
Back end of line (BEOL) Version
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:4] SIF (R)
[3:0] BEOL (R)
Table 30. Bit Descriptions for BEOL_SIF
Bits
Bit Name
Description
Reset
Access
[7:4]
SIF
Serial Interface Version
0x0
R
[3:0]
BEOL
Back end of line (BEOL) Version
0x1
R
Address: 0x012, Reset: 0x00, Name: SPARE_0012
Spare Register 0x012
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] SPARE_012 (R)
Table 31. Bit Descriptions for SPARE_0012
Bits
Bit Name
Description
Reset
Access
[7:0]
SPARE_012
Spare Register 0x012
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38