| データシートサーチシステム |
|
USB2PMB2 データシート(PDF) 15 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
USB2PMB2 データシート(HTML) 15 Page - Maxim Integrated Products |
|
15 / 16 page ![]() Maxim Integrated │ 15 www.maximintegrated.com USB2PMB2# Adapter Board Evaluates: Munich (USB2PMB2#) #Denotes RoHS compliant. For further details, refer to the MAX11300PMB1 Peripheral Module and Munich (USB2PMB1) Adapter Board Quick Start Guide at www.maximintegrated.com. PART TYPE USB2PMB2# Adapter Board Figure 16. MAX11259PMB GUI MAX11259PMB GUI The USB2PMB2 adapter board can also be used to eval- uate the performance of the MAX11259 24-bit, 6-channel, 64ksps integrated PGA delta-sigma ADC with I2C inter- face. For detailed information, refer to the MAX11259PMB data sheet. Ordering Information |