| データシートサーチシステム |
|
USB2PMB1 データシート(PDF) 4 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
USB2PMB1 データシート(HTML) 4 Page - Maxim Integrated Products |
|
4 / 15 page ![]() Maxim Integrated │ 4 www.maximintegrated.com USB2PMB1# Adapter Board Evaluates: Munich (USB2PMB1#) Scan and Select For instance, Figure 5 depicts the scanning and available Munich devices connected. The software has identified two devices: a) PMOD872134A b) PMOD961478A Within the tab sheet, press the Connect button and verify that the button changes its text to Disconnect and the sta- tus bar at the bottom indicates that the companion board is connected. See Figure 6. Connecting Multiple Boards When connecting multiple boards such as Campbell and Cupertino at the same time to two separate Munich boards, perform Steps 1 to 3 for each device one after the other. Figure 7 depicts Campbell and Cupertino being con- nected to two Munich adaptor boards at the same time. Campbell GUI Tab This environment contains the internal block diagram of the Campbell board and the following operations to perform: ● Sample Once and Sample Continuously ● Choose Sample Rate and Sample Count ● View Plots ● Average ● Calibrate ● Plot Configuration Options Figure 6. Campbell Connected to Munich GUI |