| データシートサーチシステム |
|
ADUCM3027BCBZ-R7 データシート(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADUCM3027BCBZ-R7 データシート(HTML) 17 Page - Analog Devices |
|
17 / 39 page ![]() Data Sheet ADuCM3027/ADuCM3029 Rev. B | Page 17 of 39 Pin No. Mnemonic Signal Name Description C9 VDCDC_OUT Not Applicable Buck Converter Output. This pin is only for connecting the decoupling capacitor. Do not connect this pin to the external load. C11 GND_VREFADC Not Applicable Ground for Internal ADC. C13 P2_05 ADC0_VIN2/GPIO37 GPIO. See the GPIO Multiplexing section for more information. D1 P0_10 UART0_TX/GPIO10 GPIO. See the GPIO Multiplexing section for more information. D3 P1_10 SPI0_CS1/SYS_CLKIN/ SPI1_CS3/GPIO26 GPIO. See the GPIO Multiplexing section for more information. D5 P0_11 UART0_RX/GPIO11 GPIO. See the GPIO Multiplexing section for more information. D7 GND_ANA Not Applicable Ground Reference for Analog Circuits in the MCU. D9 P2_04 ADC0_VIN1/GPIO36 GPIO. See the GPIO Multiplexing section for more information. D11 P2_06 ADC0_VIN3/GPIO38 GPIO. See the GPIO Multiplexing section for more information. D13 P0_05 I2C0_SDA/GPIO05 GPIO. See the GPIO Multiplexing section for more information. E1 P1_03 SPI2_MOSI/GPIO19 GPIO. See the GPIO Multiplexing section for more information. E3 P1_02 SPI2_CLK/GPIO18 GPIO. See the GPIO Multiplexing section for more information. E5 GND_DIG Not Applicable Ground Reference for Digital Circuits in the MCU. E7 SYS_HWRST Not Applicable Hardware Reset Pin. E9 P0_04 I2C0_SCL/GPIO04 GPIO. See the GPIO Multiplexing section for more information. E11 P0_07 GPIO07/SWD0_DATA GPIO. See the GPIO Multiplexing section for more information. E13 P0_06 GPIO06/SWD0_CLK GPIO. See the GPIO Multiplexing section for more information. F2 P2_01 XINT0_WAKE3/TMR2_OUT/GPIO33 GPIO. See the GPIO Multiplexing section for more information. F4 P1_05 SPI2_CS0/GPIO21 GPIO. See the GPIO Multiplexing section for more information. F6 P1_04 SPI2_MISO/GPIO20 GPIO. See the GPIO Multiplexing section for more information. F8 P1_09 SPI1_CS0/GPIO25 GPIO. See the GPIO Multiplexing section for more information. F10 P1_08 SPI1_MISO/GPIO24 GPIO. See the GPIO Multiplexing section for more information. F12 P1_07 SPI1_MOSI/GPIO23 GPIO. See the GPIO Multiplexing section for more information. G1 VBAT_DIG2 Not Applicable External Supply for Digital Circuits in the MCU. G3 P0_15 XINT0_WAKE0/GPIO15 GPIO. See the GPIO Multiplexing section for more information. G5 P0_13 XINT0_WAKE2/GPIO13 GPIO. See the GPIO Multiplexing section for more information. G7 P1_01 GPIO17/SYS_BMODE0 GPIO. See the GPIO Multiplexing section for more information. G9 P1_06 SPI1_CLK/GPIO22 GPIO. See the GPIO Multiplexing section for more information. G11 P2_11 SPI1_CS1/SYS_CLKOUT/GPIO43/ RTC1_SS1 GPIO. See the GPIO Multiplexing section for more information. G13 VBAT_DIG1 Not Applicable External Supply for Digital Circuits in the MCU. H2 P1_00 XINT0_WAKE1/GPIO16 GPIO. See the GPIO Multiplexing section for more information. H4 P0_14 TMR0_OUT/SPI1_RDY/GPIO14 GPIO. See the GPIO Multiplexing section for more information. H6 P1_14 SPI0_RDY/GPIO30 GPIO. See the GPIO Multiplexing section for more information. H8 P0_08 BPR0_TONE_N/GPIO08 GPIO. See the GPIO Multiplexing section for more information. H10 P0_09 BPR0_TONE_P/SPI2_CS1/GPIO09 GPIO. See the GPIO Multiplexing section for more information. H12 P0_12 SPT0_AD0/GPIO12/ UART0_SOUT_EN GPIO. See the GPIO Multiplexing section for more information. |