| データシートサーチシステム |
|
ADUCM3029BCBZ-R7 データシート(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADUCM3029BCBZ-R7 データシート(HTML) 12 Page - Analog Devices |
|
12 / 39 page ![]() ADuCM3027/ADuCM3029 Data Sheet Rev. B | Page 12 of 39 SPI Timing Table 13. Parameter1 Symbol Min Typ Max Unit SPI MASTER MODE TIMING Timing Requirements Chip Select (CS) to Serial Clock (SCLK) Edge tCS (0.5 × tPCLK) − 3 ns SCLK Low Pulse Width tSL tPCLK − 3.5 ns SCLK High Pulse Width tSH tPCLK − 3.5 ns Data Input Setup Time Before SCLK Edge tDSU 5 ns Data Input Hold Time After SCLK Edge tDHD 20 ns Switching Characteristics Data Output Valid After SCLK Edge tDAV 25 ns Data Output Setup Before SCLK Edge tDOSU tPCLK − 2.2 ns CS High After SCLK Edge tSFS (0.5 × tPCLK) − 3 ns SPI SLAVE MODE TIMING Timing Requirements CS to SCLK Edge tCS 38.5 ns SCLK Low Pulse Width tSL 38.5 ns SCLK High Pulse Width tSH 38.5 ns Data Input Setup Time Before SCLK Edge tDSU 6 ns Data Input Hold Time After SCLK Edge tDHD 8 ns Switching Characteristics Data Output Valid After SCLK Edge tDAV 20 ns Data Output Valid After CS Edge tDOCS 20 ns CS High After SCLK Edge tSFS 38.5 ns 1 These specifications are characterized with respect to double drive strength. CS MOSI MSB MSB IN BIT 6 TO BIT 1 LSB LSB IN BIT 6 TO BIT 1 MISO SCLK (POLARITY = 0) SCLK (POLARITY = 1) tCS tSFS tSH tDAV tDSU tDHD tSL Figure 8. SPI Master Mode Timing (Phase Mode = 1) |