| データシートサーチシステム |
|
ADUCM3029BCPZ-R7 データシート(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADUCM3029BCPZ-R7 データシート(HTML) 16 Page - Analog Devices |
|
16 / 39 page ![]() ADuCM3027/ADuCM3029 Data Sheet Rev. B | Page 16 of 39 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS BOTTOM VIEW (BALL SIDE UP) Not to Scale 13 A B C D E F G 11 9 7 5 3 1 12 10 8 6 4 2 VBAT_ADC VLDO_OUT VDCDC_ CAP2N VDCDC_ CAP1P SYS_ LFXTAL_IN SYS_ HFXTAL_OUT VBAT_ANA1 P2_03 VREF_ADC VDCDC_ CAP2P VDCDC_ CAP1N SYS_ LFXTAL_OUT SYS_ HFXTAL_IN P0_00 P2_05 GND_ VREFADC VDCDC_OUT VBAT_ANA2 P0_02 P0_01 P0_03 P0_05 P2_06 P2_04 GND_ANA P0_11 P1_10 P0_10 P0_06 P0_07 P0_04 SYS_HWRST GND_DIG P1_02 P1_03 H P1_07 P1_08 P1_09 P1_04 P1_05 P2_01 VBAT_DIG1 P2_11 P1_06 P1_01 P0_13 P0_15 VBAT_DIG2 P0_12 P0_09 P0_08 P1_14 P1_14 P1_00 Figure 14. ADuCM3027/ADuCM3029 54-Ball WLCSP Configuration Table 20. ADuCM3027/ADuCM3029 54-Ball WLCSP Pin Function Descriptions Pin No. Mnemonic Signal Name Description A1 VBAT_ANA1 Not Applicable External Supply for Analog Circuits in the MCU. A3 SYS_HFXTAL_OUT Not Applicable High Frequency Crystal Output. A5 SYS_LFXTAL_IN Not Applicable High Frequency Crystal Input. A7 VDCDC_CAP1P Not Applicable Buck Converter Capacitor 1 Positive Terminal. A9 VDCDC_CAP2N Not Applicable Buck Converter Capacitor 2 Negative Terminal. A11 VLDO_OUT Not Applicable Low Drop Out Regulator Output. This pin is only for connecting the decoupling capacitor. Do not connect this pin to the external load. A13 VBAT_ADC Not Applicable External Supply for Internal ADC. B1 P0_00 SPI0_CLK/SPT0_BCLK/GPIO00 GPIO. See the GPIO Multiplexing section for more information. B3 SYS_HFXTAL_IN Not Applicable High Frequency Crystal Input. B5 SYS_LFXTAL_OUT Not Applicable Low Frequency Crystal Output. B7 VDCDC_CAP1N Not Applicable Buck Converter Capacitor 1 Negative Terminal. B9 VDCDC_CAP2P Not Applicable Buck Converter Capacitor 2 Positive Terminal. B11 VREF_ADC Not Applicable External Reference Voltage for Internal ADC. B13 P2_03 ADC0_VIN0/GPIO35 GPIO. See the GPIO Multiplexing section for more information. C1 P0_03 SPI0_CS0/SPT0_BCNV/ SPI2_RDY/GPIO03 GPIO. See the GPIO Multiplexing section for more information. C3 P0_01 SPI0_MOSI/SPT0_BFS/GPIO01 GPIO. See the GPIO Multiplexing section for more information. C5 P0_02 SPI0_MISO/SPT0_BD0/GPIO02 GPIO. See the GPIO Multiplexing section for more information. C7 VBAT_ANA2 Not Applicable External Supply for Analog Circuits in the MCU. |