データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADUCM3029-1BCPZ-R7 データシート(PDF) 31 Page - Analog Devices

部品番号 ADUCM3029-1BCPZ-R7
部品情報  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADUCM3029-1BCPZ-R7 データシート(HTML) 31 Page - Analog Devices

Back Button ADUCM3029-1BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
Data Sheet
ADuCM3027/ADuCM3029
Rev. B | Page 31 of 39
GPIO MULTIPLEXING
Table 27 through Table 29 show the signal multiplexing options for the GPIO pins.
Table 27. Signal Multiplexing for PORT 0
Availability
Pin
WLCSP
LFCSP
Multiplexed Function 0
Multiplexed Function 1
Multiplexed Function 2
Multiplexed Function 3
P0_00
Yes
Yes
GPIO00
SPI0_CLK
SPT0_BCLK
Not available
P0_01
Yes
Yes
GPIO01
SPI0_MOSI
SPT0_BFS
Not available
P0_02
Yes
Yes
GPIO02
SPI0_MISO
SPT0_BD0
Not available
P0_03
Yes
Yes
GPIO03
SPI0_CS0
SPT0_BCNV
SPI2_RDY
P0_04
Yes
Yes
GPIO04
I2C0_SCL
Not available
Not available
P0_05
Yes
Yes
GPIO05
I2C0_SDA
Not available
Not available
P0_06
Yes
Yes
SWD0_CLK
GPIO06
Not available
Not available
P0_07
Yes
Yes
SWD0_DATA
GPIO07
Not available
Not available
P0_08
Yes
Yes
GPIO08
BPR0_TONE_N
Not available
Not available
P0_09
Yes
Yes
GPIO09
BPR0_TONE_P
SPI2_CS1
Not available
P0_10
Yes
Yes
GPIO10
UART0_TX
Not available
Not available
P0_11
Yes
Yes
GPIO11
UART0_RX
Not available
Not available
P0_12
Yes
Yes
GPIO12
SPT0_AD0
Not available
UART0_SOUT_EN
P0_13
Yes
Yes
GPIO13/XINT0_WAKE2
Not available
Not available
Not available
P0_14
Yes
Yes
GPIO14
TMR0_OUT
SPI1_RDY
Not available
P0_15
Yes
Yes
GPIO15/XINT0_WAKE0
Not available
Not available
Not available
Table 28. Signal Multiplexing for PORT 1
Availability
Pin
WLCSP
LFCSP
Multiplexed Function 0
Multiplexed Function 1
Multiplexed Function 2
Multiplexed Function 3
P1_00
Yes
Yes
GPIO16/XINT0_WAKE1
Not available
Not available
Not available
P1_01
Yes
Yes
SYS_BMODE0
GPIO17
Not available
Not available
P1_02
Yes
Yes
GPIO18
SPI2_CLK
Not available
Not available
P1_03
Yes
Yes
GPIO19
SPI2_MOSI
Not available
Not available
P1_04
Yes
Yes
GPIO20
SPI2_MISO
Not available
Not available
P1_05
Yes
Yes
GPIO21
SPI2_CS0
Not available
Not available
P1_06
Yes
Yes
GPIO22
SPI1_CLK
Not available
Not available
P1_07
Yes
Yes
GPIO23
SPI1_MOSI
Not available
Not available
P1_08
Yes
Yes
GPIO24
SPI1_MISO
Not available
Not available
P1_09
Yes
Yes
GPIO25
SPI1_CS0
Not available
Not available
P1_10
Yes
Yes
GPIO26
SPI0_CS1
SYS_CLKIN
SPI1_CS3
P1_11
No
Yes
GPIO27
Not available
TMR1_OUT
Not available
P1_12
No
Yes
GPIO28
Not available
Not available
Not available
P1_13
No
Yes
GPIO29
Not available
Not available
Not available
P1_14
Yes
Yes
GPIO30
Not available
SPI0_RDY
Not available
P1_15
No
Yes
GPIO31
SPT0_ACLK
Not available
Not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39