データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ICS83054I データシート(PDF) 9 Page - Integrated Circuit Systems

部品番号 ICS83054I
部品情報  4 : 1, SINGLE-ENDED MULTIPLEXER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICST [Integrated Circuit Systems]
ホームページ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83054I データシート(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS83054I Datasheet HTML 5Page - Integrated Circuit Systems ICS83054I Datasheet HTML 6Page - Integrated Circuit Systems ICS83054I Datasheet HTML 7Page - Integrated Circuit Systems ICS83054I Datasheet HTML 8Page - Integrated Circuit Systems ICS83054I Datasheet HTML 9Page - Integrated Circuit Systems ICS83054I Datasheet HTML 10Page - Integrated Circuit Systems ICS83054I Datasheet HTML 11Page - Integrated Circuit Systems ICS83054I Datasheet HTML 12Page - Integrated Circuit Systems ICS83054I Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Integrated
Circuit
Systems, Inc.
83054AGI
www.icst.com/products/hiperclocks.html
REV. A JANUARY 3, 2006
9
ICS83054I
4:1, SINGLE-ENDED MULTIPLEXER
APPLICATION INFORMATION
INPUTS:
CLK INPUT:
For applications not requiring the use of a clock input, it can
be left floating. Though not required, but for additional
protection, a 1k
Ω resistor can be tied from the CLK input to
ground.
RECOMMENDATIONS FOR UNUSED INPUT PINS
LVCMOS CONTROL PINS:
All control pins have internal pull-ups or pull-downs;
additional resistance is not required but can be added for
additional protection. A 1k
Ω resistor can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13