データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB5906CT/KD データシート(PDF) 9 Page - Microchip Technology

部品番号 USB5906CT/KD
部品情報  6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 UFP
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5906CT/KD データシート(HTML) 9 Page - Microchip Technology

Back Button USB5906CT/KD Datasheet HTML 5Page - Microchip Technology USB5906CT/KD Datasheet HTML 6Page - Microchip Technology USB5906CT/KD Datasheet HTML 7Page - Microchip Technology USB5906CT/KD Datasheet HTML 8Page - Microchip Technology USB5906CT/KD Datasheet HTML 9Page - Microchip Technology USB5906CT/KD Datasheet HTML 10Page - Microchip Technology USB5906CT/KD Datasheet HTML 11Page - Microchip Technology USB5906CT/KD Datasheet HTML 12Page - Microchip Technology USB5906CT/KD Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
2019 - 2021 Microchip Technology Inc.
DS00003188B-page 9
USB5906C
3.2
Pin Symbols
Pin Num.
Pin Name
Reset Pin Num.
Pin Name
Reset
1
RBIAS
A/P
51
PRT_CTL6/GPIO22
PD-50k
2
VDD33
A/P
52
PRT_CTL5/GPIO21
PD-50k
3
XTALI/CLKIN
A/P
53
HOST_TYPE0/GPIO23
PD-50k
4
XTALO
A/P
54
VDD33
A/P
5
VDD33
A/P
55
HOST_TYPE1/GPIO67
Z
6
USB2DN_DP1/PRT_DIS_P1
PD-15k
56
C_ATTACH2/GPIO2
Z
7
USB2DN_DM1/PRT_DIS_M1
PD-15k
57
PRT_CTL4/GANG_PWR/GPIO20
PD-50k
8
USB3DN_TXDP1
Z
58
PRT_CTL3/GPIO19
PD-50k
9
USB3DN_TXDM1
Z
59
VDD12
A/P
10
VDD12
A/P
60
AB0/ATTACHMUX0B/GPIO3
Z
11
USB3DN_RXDP1
Z
61
CC_POL/GPIO71
Z
12
USB3DN_RXDM1
Z
62
PRT_CTL2/GPIO18
PD-50k
13
USB2DN_DP2/PRT_DIS_P2
PD-15k
63
ALT_MUX_EN/GPIO70
Z
14
USB2DN_DM2/PRT_DIS_M2
PD-15k
64
VDD33
A/P
15
USB3DN_TXDP2
Z
65
SPI_CLK/GPIO4
Z
16
USB3DN_TXDM2
Z
66
SPI_DO/GPIO5
PD-50k
17
VDD12
A/P
67
SPI_DI/GPIO9/CFG_BC_EN
Z
18
USB3DN_RXDP2
Z
68
SPI_CE_N/GPIO7/CFG_NON_REM
PU-50k
19
USB3DN_RXDM2
Z
69
GPIO69
Z
20
GPIO12/CFG_STRAP
Z
70
PRT_CTL1/GPIO17
PD-50k
21
NC
Z
71
GPIO66
Z
22
NC
Z
72
VDD33
A/P
23
TESTEN
Z
73
C_ATTACH1/GPIO1
Z
24
VBUS_DET
Z
74
SMBDATA/GPIO6
Z
25
RESET_N
R
75
SMBCLK/GPIO8
Z
26
VDD12
A/P
76
C_ATTACH0/ATTACHMUX0A/GPIO64
Z
27
VDD33
A/P
77
SUSP_IND/GPIO68
Z
28
USB2DN_DP3/PRT_DIS_P3
PD-15k
78
VDD12
A/P
29
USB2DN_DM3/PRT_DIS_M3
PD-15k
79
NC
PD-15k
30
USB3DN_TXDP3
Z
80
NC
PD-15k
31
USB3DN_TXDM3
Z
81
USB3UP_TXDPB
Z
32
VDD12
A/P
82
USB3UP_TXDMB
Z
33
USB3DN_RXDP3
Z
83
VDD12
A/P
34
USB3DN_RXDM3
Z
84
USB3UP_RXDPB
Z
35
USB2DN_DP4/PRT_DIS_P4
PD-15k
85
USB3UP_RXDMB
Z
36
USB2DN_DM4/PRT_DIS_M4
PD-15k
86
USB2DN_DP6/PRT_DIS_P6
PD-15k
37
USB3DN_TXDP4
Z
87
USB2DN_DM6/PRT_DIS_M6
PD-15k
38
USB3DN_TXDM4
Z
88
USB3DN_TXDP6
Z
39
VDD12
A/P
89
USB3DN_TXDM6
Z
40
USB3DN_RXDP4
Z
90
VDD12
A/P
41
USB3DN_RXDM4
Z
91
USB3DN_RXDP6
Z
42
VDD33
A/P
92
USB3DN_RXDM6
Z
43
USB2DN_DP5/PRT_DIS_P5
PD-15k
93
VDD33
A/P
44
USB2DN_DM5/PRT_DIS_M5
PD-15k
94
USB2UP_DP
PD-1M
45
USB3DN_TXDP5
Z
95
USB2UP_DM
PD-1M
46
USB3DN_TXDM5
Z
96
USB3UP_TXDPA
Z
47
VDD12
A/P
97
USB3UP_TXDMA
Z
48
USB3DN_RXDP5
Z
98
VDD12
A/P
49
USB3DN_RXDM5
Z
99
USB3UP_RXDPA
Z
50
GPIO65
Z
100
USB3UP_RXDMA
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63