データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB5926C/KD データシート(PDF) 50 Page - Microchip Technology

部品番号 USB5926C/KD
部品情報  6-Port USB 3.2 Gen 1 SmartHubTM with Support for Multiple USB Type-C짰 UFP and DFP
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5926C/KD データシート(HTML) 50 Page - Microchip Technology

Back Button USB5926C/KD Datasheet HTML 46Page - Microchip Technology USB5926C/KD Datasheet HTML 47Page - Microchip Technology USB5926C/KD Datasheet HTML 48Page - Microchip Technology USB5926C/KD Datasheet HTML 49Page - Microchip Technology USB5926C/KD Datasheet HTML 50Page - Microchip Technology USB5926C/KD Datasheet HTML 51Page - Microchip Technology USB5926C/KD Datasheet HTML 52Page - Microchip Technology USB5926C/KD Datasheet HTML 53Page - Microchip Technology USB5926C/KD Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
USB5926C
DS00003190B-page 50
2019 - 2021 Microchip Technology Inc.
10.3 Package Thermal Specifications
FIGURE 10-1:
SUPPLY RISE TIME MODEL
Note:
The rise time for the 3.3 V supply can be extended to 100ms max if
RESET_N is actively driven low, typi-
cally by another IC, until 1 µs after all supplies are within operating range.
TABLE 10-1: PACKAGE THERMAL PARAMETERS
Symbol
°C/W
Velocity (Meters/s)
JA
19
0
16
1
JT
0.1
0
0.1
1
JC
1.4
0
1.4
1
Note:
Thermal parameters are measured or estimated for devices in a multi-layer 2S2P PCB per JESDN51.
TABLE 10-2: MAXIMUM POWER DISSIPATION
Parameter
Value
Units
PD(max)
1.75
W
t10%
10%
90%
Voltage
TRT
t90%
Time
100%
3.3 V
VSS
VDD33
90%
100%
1.2 V
VDD12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65