| データシートサーチシステム |
|
USB7252C データシート(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7252C データシート(HTML) 8 Page - Microchip Technology |
|
8 / 63 page ![]() DS00003852A-page 8 2021 Microchip Technology Inc. 3.0 PIN DESCRIPTIONS 3.1 Pin Assignments FIGURE 3-1: USB7252C 100-VQFN PIN ASSIGNMENTS Note: Configuration straps are identified by an underlined symbol name. Signals that function as configuration straps must be augmented with an external resistor when connected to a load. Thermal slug connects to VSS 16 15 14 13 12 11 10 9 8 6 5 4 3 2 1 7 75 74 73 72 71 70 68 67 66 65 69 64 63 62 61 60 25 24 23 22 21 20 19 18 17 59 58 57 56 55 54 53 52 51 Microchip USB7252C (Top View 100-VQFN) RESET_N DP1_VBUS_MON PF31 DP1_CC1 USB3DN_RXDM1A USB3DN_RXDP1A VCORE USB3DN_TXDM1A USB3DN_TXDP1A USB2DN_DM1/PRT_DIS_M1 PF30 USB3DN_RXDM1B USB2DN_DP1/PRT_DIS_P1 USB3DN_RXDP1B VCORE USB3DN_TXDM1B USB3DN_TXDP1B USB2DN_DM4/PRT_DIS_M4 USB2DN_DP4/PRT_DIS_P4 DP1_CC2 CFG_STRAP1 CFG_STRAP2 CFG_STRAP3 TESTEN VCORE PF17 SPI_D3/PF25 SPI_D0/CFG_BC_EN/PF22 SPI_CLK/PF21 VDD33 SPI_D1/PF23 PF19 PF26 TEST3 SPI_CE_N/CFG_NON_REM/PF20 TEST1 PF10 PF13 VDD33 TEST2 SPI_D2/PF24 PF18 PF15 PF16 VDD33 VCORE PF12 PF29 PF11 PF14 |