| データシートサーチシステム |
|
USB7252CT/KDX データシート(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7252CT/KDX データシート(HTML) 5 Page - Microchip Technology |
|
5 / 63 page ![]() 2021 Microchip Technology Inc. DS00003852A-page 5 1.3 Pin Reset States The pin reset state definitions are detailed in Table 1-3. Refer to Section 3.1, Pin Assignments for details on individual pin reset states. 1.4 Reference Documents 1. Universal Serial Bus Revision 3.2 Specification, http://www.usb.org 2. Battery Charging Specification, Revision 1.2, Dec. 07, 2010, http://www.usb.org 3. I2C-Bus Specification, Version 1.1, http://www.nxp.com/documents/user_manual/UM10204.pdf 4. I2S-Bus Specification, http://www.sparkfun.com/datasheets/BreakoutBoards/I2SBUS.pdf 5. System Management Bus Specification, Version 1.0, http://smbus.org/specs TABLE 1-3: PIN RESET STATE LEGEND Symbol Description AI Analog input AIO Analog input/output AO Analog output PD Hardware enables pull-down PU Hardware enables pull-up Y Hardware enables function Z Hardware disables output driver (high impedance) PU Hardware enables internal pull-up PD Hardware enables internal pull-down Note: Additional USB7252C resources can be found on the Microchip USB7252C product page at www.microchip.com/USB7252C. |