データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB7252CT-I/KDX データシート(PDF) 55 Page - Microchip Technology

部品番号 USB7252CT-I/KDX
部品情報  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252CT-I/KDX データシート(HTML) 55 Page - Microchip Technology

Back Button USB7252CT-I/KDX Datasheet HTML 51Page - Microchip Technology USB7252CT-I/KDX Datasheet HTML 52Page - Microchip Technology USB7252CT-I/KDX Datasheet HTML 53Page - Microchip Technology USB7252CT-I/KDX Datasheet HTML 54Page - Microchip Technology USB7252CT-I/KDX Datasheet HTML 55Page - Microchip Technology USB7252CT-I/KDX Datasheet HTML 56Page - Microchip Technology USB7252CT-I/KDX Datasheet HTML 57Page - Microchip Technology USB7252CT-I/KDX Datasheet HTML 58Page - Microchip Technology USB7252CT-I/KDX Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 63 page
background image
2021 Microchip Technology Inc.
DS00003852A-page 55
10.0 PACKAGE OUTLINE
10.1 Package Marking Information
* Standard device marking consists of Microchip part number, year code, week code and traceability code.
For device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.
Legend: i
Temperature range designator (Blank = commercial, i = industrial)
R
Product revision
nnn
Internal code
e3
Pb-free JEDEC® designator for Matte Tin (Sn)
YY
Year code (last two digits of calendar year)
WW Week code (week of January 1 is week ‘01’)
NNN Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it
will be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
100-VQFN (12x12 mm)
PIN 1
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63