データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX804_C/D データシート(PDF) 6 Page - Maxim Integrated Products

部品番号 MAX804_C/D
部品情報  3.0V/3.3V Microprocessor Supervisory Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX804_C/D データシート(HTML) 6 Page - Maxim Integrated Products

Back Button MAX804_C/D Datasheet HTML 2Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 3Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 4Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 5Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 6Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 7Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 8Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 9Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Detailed Description
Reset Output
A microprocessor’s (µP’s) reset input starts the µP in a
known state. These µP supervisory circuits assert reset
to prevent code execution errors during power-up, power-
down, brownout conditions, or a watchdog timeout.
RESET is guaranteed to be a logic low for 0V < VCC <
VRST, provided that VBATT is greater than 1V. Without a
backup battery, RESET is guaranteed valid for VCC > 1V.
Once VCC exceeds the reset threshold, an internal timer
keeps RESET low for the reset timeout period; after this
interval, RESET goes high (Figure 2).
If a brownout condition occurs (VCC dips below the reset
threshold), RESET goes low. Each time RESET is assert-
ed, it stays low for the reset timeout period. Any time VCC
goes below the reset threshold, the internal timer restarts.
The watchdog timer can also initiate a reset. See the
Watchdog Input section.
The MAX804_/MAX805_ active-high RESET output is
open drain, and the inverse of the MAX690_/MAX704_/
MAX802_/MAX806_ RESET output.
Reset Threshold
The MAX690T/MAX704T/MAX805T are intended for 3.3V
systems with a ±5% power-supply tolerance and a 10%
system tolerance. Except for watchdog faults, reset will
not assert as long as the power supply remains above
3.15V (3.3V - 5%). Reset is guaranteed to assert before
the power supply falls below 3.0V.
The MAX690S/MAX704S/MAX805S are designed for
3.3V ±10% power supplies. Except for watchdog faults,
they are guaranteed not to assert reset as long as the
supply remains above 3.0V (3.3V - 10%). Reset is
guaranteed to assert before the power supply falls below
2.85V (VCC - 14%).
The MAX690R/MAX704R/MAX805R are optimized for
monitoring 3.0V ±10% power supplies. Reset will not
occu
r until VCC falls below 2.7V (3.0V - 10%), but is
guaranteed to occur before the supply falls below 2.59V
(3.0V - 14%).
The MAX802R/S/T, MAX804R/S/T, and MAX806R/S/T are
respectively similar to the MAX690R/S/T, MAX805R/S/T,
and MAX704R/S/T, but with tightened reset and power-fail
threshold tolerances.
PIN
NAME
FUNCTION
MAX690
MAX802
MAX704
MAX806
MAX804
MAX805
1
1
1
VOUT
Supply Output for CMOS RAM. When VCC is above the reset threshold, VOUT is
connected to VCC through a p-channel MOSFET switch. When VCC falls below VSW and
VBATT, VBATT connects to VOUT. Connect to VCC if no battery is used.
2
2
2
VCC
Main Supply Input
3
3
3
GND
Ground
4
4
4
PFI
Power-Fail Input. When PFI is less than VPFT or when VCC falls below VSW, PFO goes
low; otherwise, PFO remains high. Connect to ground if unused.
5
5
5
PFO
Power-Fail Output. When PFI is less than VPFT, or VCC falls below VSW, PFO goes low;
otherwise, PFO remains high. Leave open if unused.
6
—
6
WDI
Watchdog Input. If WDI remains high or low for 1.6s, the internal watchdog timer runs out
and reset is triggered. The internal watchdog timer clears while reset is asserted or when
WDI sees a rising or falling edge. The watchdog function cannot be disabled.
—
6
—
MR
Manual Reset Input. A logic low on MR asserts reset. Reset remains asserted as long as
MR is low and for 200ms after MR returns high. This active-low input has an internal
70µA pullup current. It can be driven from a TTL or CMOS logic line, or shorted to ground
with a switch. Leave open if unused.
7
7
—
RESET
Active-Low Reset Output. Pulses low for 200ms when triggered, and stays low whenever
VCC is below the reset threshold or when MR is a logic low. It remains low for 200ms
after either VCC rises above the reset threshold, the watchdog triggers a reset, or MR
goes from low to high.
—
—
7
RESET Active-High, Open-Drain Reset Output is the inverse of RESET.
8
8
8
VBATT
Backup-Battery Input. When VCC falls below VSW and VBATT, VOUT switches from VCC
to VBATT. When VCC rises above the reset threshold, VOUT reconnects to VCC. VBATT
may exceed VCC. Connect to VCC if no battery is used.
MAX690T/S/R, MAX704T/S/R,
MAX802T/S/R, MAX804−MAX806T/S/R
3.0V/3.3V Microprocessor
Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 6
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com