| データシートサーチシステム |
|
PCF8563 データシート(PDF) 52 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8563 データシート(HTML) 52 Page - NXP Semiconductors |
|
52 / 86 page ![]() NXP Semiconductors PCA2131 Nano-power highly accurate RTC with integrated quartz crystal for automotive applications 7.16 Interfaces The PCA2131 has an I2C-bus or SPI-bus interface using the same pins. The selection is done using the interface selection pin IFS (see Table 84). Pin Connection Bus interface Reference VSS SPI-bus Section 7.16.1 IFS VDD I2C-bus Section 7.16.2 Table 84. Interface selection input pin IFS aaa-041576 BBS SCL CE PCA2131 SDI SDO SDA/CE IFS SDO SDI SCL VDD VDD VSS VSS To select the SPI-bus interface, pin IFS has to be connected to pin VSS. a. SPI-bus interface selection aaa-041577 BBS SCL PCA2131 SDI SDO SDA/CE IFS SCL SDA VDD VDD VSS VSS RPU RPU To select the I2C-bus interface, pin IFS has to be connected to pin VDD. b. I2C-bus interface selection Figure 24. Interface selection 7.16.1 SPI-bus interface Data transfer to and from the device is made by a 4-line SPI-bus (see Table 85). The data lines for input and output are split. The SPI-bus is initialized whenever the chip enable line pin SDA/CE is inactive. two-wire mode SDO SDI aaa-041578 Figure 25. SDI, SDO configurations PCA2131 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 1.0 — 26 July 2021 52 / 86 |