| データシートサーチシステム |
|
PCF8536AT データシート(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT データシート(HTML) 20 Page - NXP Semiconductors |
|
20 / 53 page ![]() NXP Semiconductors PCA8551 Automotive 36 × 4 LCD segment driver 8.2.2 LCD drive mode waveforms 8.2.2.1 Static drive mode The static LCD drive mode is used when a single backplane is provided in the LCD. The backplane (COMn) and segment (SEGn) drive waveforms for this mode are shown in Figure 12. aaa-011867 VSS VLCD VSS VLCD VSS VLCD VLCD - VLCD - VLCD VLCD state 1 0 V COM0 SEGn SEGn+1 state 2 0 V (a) Waveforms at driver. (b) Resultant waveforms at LCD segment. LCD segments state 1 (on) state 2 (off) Tfr Vstate1(t) = VSEGn(t) - VCOM0(t). Von(RMS) = VLCD. Vstate2(t) = V(SEGn + 1)(t) - VCOM0(t). Voff(RMS) = 0 V. Figure 12. Static drive mode waveforms 8.2.2.2 1:2 Multiplex drive mode When two backplanes are provided in the LCD, the 1:2 multiplex mode applies. The PCA8551 allows the use of 1⁄2 bias or 1⁄3 bias in this mode as shown in Figure 13 and Figure 14. PCA8551 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 3.1 — 3 May 2021 20 / 53 |