| データシートサーチシステム |
|
ICS83023AMILF データシート(PDF) 2 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS83023AMILF データシート(HTML) 2 Page - Integrated Circuit Systems |
|
2 / 12 page ![]() 83023AMI www.icst.com/products/hiperclocks.html REV. B JANUARY 18, 2006 2 Integrated Circuit Systems, Inc. ICS83023I DUAL, 1-TO-1 DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER TABLE 1. PIN DESCRIPTIONS TABLE 2. PIN CHARACTERISTICS r e b m u Ne m a Ne p y Tn o i t p i r c s e D 10 K L Ct u p n In w o d ll u P. t u p n i k c o l c l a i t n e r e f f i d g n i t r e v n i - n o N 20 K L C nt u p n Ip u ll u P. t u p n i k c o l c l a i t n e r e f f i d g n i t r e v n I 31 K L C nt u p n Ip u ll u P. t u p n i k c o l c l a i t n e r e f f i d g n i t r e v n I 41 K L Ct u p n In w o d ll u P. t u p n i k c o l c l a i t n e r e f f i d g n i t r e v n i - n o N 5D N Gr e w o P. d n u o r g y l p p u s r e w o P 61 Qt u p t u O . s l e v e l e c a f r e t n i L T T V L / S O M C V L . t u p t u o k c o l c e l g n i S 70 Qt u p t u O . s l e v e l e c a f r e t n i L T T V L / S O M C V L . t u p t u o k c o l c e l g n i S 8V D D r e w o P. n i p y l p p u s e v i t i s o P : E T O N p u ll u P d n a n w o d ll u P . s e u l a v l a c i p y t r o f , s c i t s i r e t c a r a h C n i P , 2 e l b a T e e S . s r o t s i s e r t u p n i l a n r e t n i o t r e f e r l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U C N I e c n a t i c a p a C t u p n I 4F p C D P e c n a t i c a p a C n o i t a p i s s i D r e w o P ) t u p t u o r e p ( V D D V 6 . 3 =3 2F p R P U L L U P r o t s i s e R p u ll u P t u p n I 1 5k Ω R N W O D L L U P r o t s i s e R n w o d ll u P t u p n I 1 5k Ω R T U O e c n a d e p m I t u p t u O 7 Ω |