| データシートサーチシステム |
|
WSBS-4CB-S/E データシート(PDF) 1 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
WSBS-4CB-S/E データシート(HTML) 1 Page - M-System Co.,Ltd. |
|
1 / 3 page ![]() MODEL: WSBS WSBS SPECIFICATIONS ES-2289 Rev.2 Page 1/3 http://www.m-system.co.jp/ Dual Output Plug-in Signal Conditioners W-UNIT ANALOG SUBTRACTOR Functions & Features • Receives 2 analog signals and outputs signal proportional to their difference • DC isolation between input and output • Dielectric strength of 2000 V AC between input and output • LCD meter indicates subtracted values • High-density mounting Typical Applications • Computing differences of two temp., flows, etc. • DC input transmitter for a power installation (dielectric strength 2000 V AC, 110V DC power) 50 (1.97) 136 (5.35) 80 (3.15) mm (inch) MODEL: WSBS–[1][2][3]–[4][5] ORDERING INFORMATION • Code number: WSBS-[1][2][3]-[4][5] Specify a code from below for each of [1] through [5]. (e.g. WSBS-6A6-B/E/Q) • Special input and output ranges (For codes Z & 0) • Parameters (e.g. K1 = 2.00, K2 = 0.10) • Specify the specification for option code /Q (e.g. /C01/S01) Note: When the user requires a current and a voltage output, specify the current to be the Output 1 which allows a greater load. [1] INPUT Voltage 1: 0 – 10 mV DC (Input resistance 10 kΩ min.) 15: 0 – 50 mV DC (Input resistance 10 kΩ min.) 16: 0 – 60 mV DC (Input resistance 10 kΩ min.) 2: 0 – 100 mV DC (Input resistance 100 kΩ min.) 3: 0 – 1 V DC (Input resistance 1 MΩ min.) 4: 0 – 10 V DC (Input resistance 1 MΩ min.) 5: 0 – 5 V DC (Input resistance 1 MΩ min.) 6: 1 – 5 V DC (Input resistance 1 MΩ min.) 4W: -10 – +10 V DC (Input resistance 1 MΩ min.) 5W: -5 – +5 V DC (Input resistance 1 MΩ min.) 0: Specify voltage (See INPUT SPECIFICATIONS) [2] OUTPUT 1 Current A: 4 – 20 mA DC (Load resistance 600 Ω max.) B: 2 – 10 mA DC (Load resistance 1200 Ω max.) C: 1 – 5 mA DC (Load resistance 2400 Ω max.) D: 0 – 20 mA DC (Load resistance 600 Ω max.) E: 0 – 16 mA DC (Load resistance 750 Ω max.) F: 0 – 10 mA DC (Load resistance 1200 Ω max.) G: 0 – 1 mA DC (Load resistance 12 kΩ max.) Z: Specify current (See OUTPUT SPECIFICATIONS) Voltage 1: 0 – 10 mV DC (Load resistance 10 kΩ min.) 2: 0 – 100 mV DC (Load resistance 100 kΩ min.) 3: 0 – 1 V DC (Load resistance 1000 Ω min.) 4: 0 – 10 V DC (Load resistance 10 kΩ min.) 5: 0 – 5 V DC (Load resistance 5000 Ω min.) 6: 1 – 5 V DC (Load resistance 5000 Ω min.) 4W: -10 – +10 V DC (Load resistance 10 kΩ min.) 5W: -5 – +5 V DC (Load resistance 5000 Ω min.) 0: Specify voltage (See OUTPUT SPECIFICATIONS) [3] OUTPUT 2 Current A: 4 – 20 mA DC (Load resistance 350 Ω max.) B: 2 – 10 mA DC (Load resistance 700 Ω max.) C: 1 – 5 mA DC (Load resistance 1400 Ω max.) D: 0 – 20 mA DC (Load resistance 350 Ω max.) E: 0 – 16 mA DC(Load resistance 430 Ω max.) F: 0 – 10 mA DC (Load resistance 700 Ω max.) G: 0 – 1 mA DC (Load resistance 7000 Ω max.) Z: Specify current (See OUTPUT SPECIFICATIONS) Voltage Same range availability as Output 1 |
同様の部品番号 - WSBS-4CB-S/E |
|
同様の説明 - WSBS-4CB-S/E |