| データシートサーチシステム |
|
YPD-C1M12N-S/Q データシート(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
YPD-C1M12N-S/Q データシート(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 6 page ![]() MODEL: YPD YPD SPECIFICATIONS ES-1369 Rev.13 Page 5/6 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 3 4 5 6 2 1 8 7 50 (1.97) 107 (4.21) 127 (5) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 15 (.59) deep 8–M3.5 SCREW • When mounting, no extra space is needed between units. SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM 3 5 4 + 4kΩ + – – +10V 3 5 4 – + 3 5 4 – + + – 10kΩ 3 5 4 + + – – + – 1 2 + – + – 1 2 + – 1 2 1 2 220Ω 220Ω + – 6 1 2 7 8 + – 3 5 4 + U • DC Powered ■ Relay Contact • AC Powered ■ Dry Contact ■ Voltage Pulse ■ Voltage Pulse ■ Open Collector • External DC Supply ■ 2-Wire Current Pulse • Built-in Excitation Input Connection Examples Output Connection Examples *Provided only when the one-shot output is specified. One-Shot * Relay or Counter Coil Varistor or Spark Quenching Circuit Relay or Counter Coil Spark Quenching Diode LOAD LOAD INPUT SENSOR EXCITATION POWER OUTPUT U(+) V(–) VOLTAGE ADJ. SENSITIVITY PULTH WIDTH Isolation Base Socket Output Driver Excitation Supply Waveform Shaper PWR PWR Vsns Vsns Vsns Vsns DC SUPPLY 2-WIRE PICK-UP 2-WIRE PICK-UP |