| データシートサーチシステム |
|
WSBS-154D-S/Q データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
WSBS-154D-S/Q データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: WSBS WSBS SPECIFICATIONS ES-2289 Rev.2 Page 3/3 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 5 6 7 8 2 1 11 10 50 (1.97) 107 (4.21) 136 (5.35) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 25 (.98) deep 11–M3.5 SCREW • When mounting, no extra space is needed between units. 3 9 4 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM Low Drift Amplifier * Base Socket 5 6 4 3 7 8 1 2 10 11 S Z S Z 9 * Option /E Low Drift Amplifier OUTPUT 1 + − OUTPUT 2 + − U ( + ) V ( − ) POWER Output Driver Output Driver OUTPUT 1 + − OUTPUT 2 + − U ( + ) V ( − ) POWER + − + INPUT 1 INPUT 2 Subtractor Isolation Specifications are subject to change without notice. |