| データシートサーチシステム |
|
DS2129S/T&R データシート(PDF) 5 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS2129S/T&R データシート(HTML) 5 Page - Maxim Integrated Products |
|
5 / 5 page ![]() LVD SCSI 27-Line Regulator Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time. Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 _____________________ 5 © 2006 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products, Inc. Package Information (The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages). PACKAGE OUTLINE, .150" SOIC 1 1 21-0041 B REV. DOCUMENT CONTROL NO. APPROVAL PROPRIETARY INFORMATION TITLE: TOP VIEW FRONT VIEW MAX 0.010 0.069 0.019 0.157 0.010 INCHES 0.150 0.007 E C DIM 0.014 0.004 B A1 MIN 0.053 A 0.19 3.80 4.00 0.25 MILLIMETERS 0.10 0.35 1.35 MIN 0.49 0.25 MAX 1.75 0.050 0.016 L 0.40 1.27 0.394 0.386 D D MIN DIM D INCHES MAX 9.80 10.00 MILLIMETERS MIN MAX 16 AC 0.337 0.344 AB 8.75 8.55 14 0.189 0.197 AA 5.00 4.80 8 N MS012 N SIDE VIEW H 0.244 0.228 5.80 6.20 e 0.050 BSC 1.27 BSC C H E e B A1 A D 0∞-8∞ L 1 VARIATIONS: |