| データシートサーチシステム |
|
MTC20455 データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MTC20455 データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 23 page ![]() MTC20455 16/23 Table 11. Bits assigned to pins/time slot for muxed-line interface Receive Interface The 16 bit receive word is multiplexed on 4 AFRXD input signals. As a result 4 cycles are needed to trans- fer 1 word. Refer to Table 11 for the bit/pin allocation for the 4 cycles. The first of 4 cycles is identified by the CLWD signal. (Fig.9). The CLWD must repeat after 4 MCLK cycles. Figure 8. Receive word timing diagram for single line Interface Figure 9. Receive word timing diagram for muxed line interface Table 12. Transmitted bits assigned to signal/time slot for single-line interface Cycles 01 23456789 10 11 12 13 14 15 line 0 line 1 line 2 line 3 line 0 line 1 line 2 line 3 AFRXD_1[0] b0 b4 b0 b4 b0 b4 B0 b4 b8 b12 b8 b12 b8 b12 b8 b12 AFRXD_1[1] b1 b5 b1 b5 b1 b5 b1 b5 b9 b13 b9 b13 b9 b13 b9 b13 AFRXD_1[2] b2 b6 b2 b6 b2 b6 b2 b6 b10 b14 b10 b14 b10 b14 b10 b14 AFRXD_1[3] b3 b7 b3 b7 b3 b7 b3 b7 b11 b15 b11 b15 b11 b15 b11 b15 Cycle 0 Cycle 1 Cycle 2 Cycle 3 AFTXD_I[0] b0 b4 b8 b12 AFTXD_I[1] b1 b5 b9 b13 AFTXD_I[2] b2 b6 b10 b14 AFTXD_I[3] b3 b7 b11 b15 POWER_DOWN_i t0 t1 t2 t3 Cycle0 Cycle1 Cycle2 Cycle3 CLWD_i AFRXD_i MCLK_i test0 test1 test test3 GP_IN Cycle CLWD_1 MCLK_1 AFRXD_1 0123456 7 9 10 11 12 13 14 15 8 line 0 line 1 line 2 line 3 line 0 line 1 line 2 line 3 1 |