| データシートサーチシステム |
|
HCS08 データシート(PDF) 188 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 データシート(HTML) 188 Page - NXP Semiconductors |
|
188 / 316 page ![]() Modulo Timer (S08MTIMV1) MC9S08SG8 MCU Series Data Sheet, Rev. 8 188 Freescale Semiconductor 12.4.1 MTIM Operation Example This section shows an example of the MTIM operation as the counter reaches a matching value from the modulo register. Figure 12-8. MTIM counter overflow example In the example of Figure 12-8, the selected clock source could be any of the five possible choices. The prescaler is set to PS = %0010 or divide-by-4. The modulo value in the MTIMMOD register is set to $AA. When the counter, MTIMCNT, reaches the modulo value of $AA, the counter overflows to $00 and continues counting. The timer overflow flag, TOF, sets when the counter value changes from $AA to $00. An MTIM overflow interrupt is generated when TOF is set, if TOIE = 1. selected clock source MTIMCNT MTIM clock (PS=%0010) MTIMMOD: $AA $A7 $A8 $A9 $AA $00 $01 TOF |